Part Number Hot Search : 
GC10216F 8BIJIR5 MAX127 SMAJ78A A3964 BAS70W 0B001 SC311
Product Description
Full Text Search
 

To Download 1N4001G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001G THRU 1N4007G
GLASS PASSIVATED JUNCTION RECTIFIER
VOLTAGE: 50 TO 1000V CURRENT: 1.0A
FEATURE
Molded case feature for auto insertion High current capability Low leakage current High surge capability High temperature soldering guaranteed 250C /10sec/0.375" lead length at 5 lbs tension Glass Passivated chip
DO - 41\DO - 204AL
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8" lead length at Ta =75 C Peak Forward Surge Current 8.3ms single Half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at rated forward current Maximum full load reverse current full cycle at TL =75 C Maximum DC Reverse Current Ta =25 C at rated DC blocking voltage Ta =100 C Typical Junction Capacitance (Note 1) Operating Temperature (Note 2) Storage and Operation Junction Temperature Vrrm Vrms Vdc If(av) Ifsm Vf Ir(av) Ir Cj R(ja) Tstg, Tj
1N40 01G 50 35 50
1N40 02G 100 70 100
1N40 03G 200 140 200
1N40 04G 400 280 400
1.0 30.0 1.1 30.0
1N40 05G 600 420 600
1N40 06G 800 560 800
1N40 07G 1000 700 1000
units
V V V A A V
A A A
5.0 50.0 15.0 50.0 -55 to +150
pF
/W C C
Note: 1. Measured at 1.0 MHz and applied voltage of 4.0Vdc 2. Thermal Resistance from Junction to Ambient at 0.375" lead length, P.C. Board Mounted Rev.A1 www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES 1N4001G THRU 1N4007G
1
1
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of 1N4001G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X